Part Number Hot Search : 
C221A RB731U 2SA1469 114TU 1990823 CA3169M IRLZ44N D85C220
Product Description
Full Text Search
 

To Download AL244 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AL244 Flyer
(4-in-1 Video Decoder) Preliminary
Version 0.10
(c)2006 by AverLogic Technologies, Corp.
Doc Number: 1-F-PMK144-0001
4-in-1 Digital Video Decoder
AL244
Amendments
05.08.06 Preliminary version 0.10
(c)2006 Copyright by AverLogic Technologies, Corp.
Version 0.10
2
4-in-1 Digital Video Decoder
AL244
1 FEATURES
Analog Input:
Four 10bit ADC, AGC & ACC (Automatic Clamping Control) Support Auto Multi-Standard NTSC/PAL/SECAM mode detection Support Weak & Non-Standard Signal mode detection Adaptive 2D Comb-Filter video decoding for Y/C separation Fast Channel-Switching among each of the 4 analog channels
2-Decoder Mode (A and C)
Each of the 2 Video Decoders support CVBS, S-Video and Component inputs Standard ITU-R BT 656 format 8-bit outputs Standard ITU-R BT 601 format 16-bit outputs Digital RGB output (8-bit for Green channel, 6-bit for Red and Blue channels) 2 RTSO (Real Time Status Output) signals for each of the 2 Video Decoders
Video Processing:
Closed Caption/V-Chip/WSS/WSS-J VBI decoding Macrovision copy protection detection Contrast/Brightness/Hue/Saturation adjustment Digital Chrominance Transient Improvement (DCTI)
Miscellaneous
1.8V core logic. 3.3V I/O with 5V tolerance Controlled via 2-wire serial-bus interfaces. All 4 video decoders require only one serial-bus interface and share one slave address Requires only one crystal for all 4 video decoders Support interrupt output pin for hardware mode detection Built-in Test Pattern Generator Low power consumption Small-size package LQFP-128
Digital Video Output
Support Four digital ITU-R 656-8bit output
4-Decodr Mode (A, B, C and D)
4 analog CVBS inputs for each of the 4 Video Decoders Standard ITU-R BT 656 format 8-bit outputs 4 RTSO(Real Time Status Output) signals for each of the 4 Video Decoders
(c)2006 Copyright by AverLogic Technologies, Corp.
Version 0.10
3
4-in-1 Digital Video Decoder
AL244
2 FUNCTION BLOCK DIAGRAM
FSW_A(2), FSW_B(2) FSW_C(2), FSW_D(2)
AI0_A AI1_A AI2_A AI3_A
10-bit ADC
Adaptive 2D Y/C separation
mux
Luma Processing Chroma Processing Luma Processing Chroma Processing
Decoder A
Clock, RTSO BT656 8-bit Digital Output Formatter BT601, 16-bit BT656 8-bit Clock, RTSO
AI0_B AI1_B AI2_B AI3_B
10-bit ADC
Adaptive 2D Y/C separation
mux
Decoder B Decoder C
BT601, 16-bit BT656 8-bit Clock, RTSO
AI0_C AI1_C AI2_C AI3_C
10-bit ADC
Adaptive 2D Y/C separation
mux
Luma Processing Chroma Processing Luma Processing Chroma Processing
Clock, RTSO BT656 8-bit Digital Output Formatter
AI0_D AI1_D AI2_D AI3_D
10-bit ADC
Adaptive 2D Y/C separation
mux
Decoder D
PLL Crystal
Serial I/F Interrupt
Control Register & Host Interface
3 APPLICATIONS
Video Security & Surveillance Systems Video Editing Systems
4 ORDERING INFORMATION
Part number AL244A-LF-PBF AL244A-LF (By Request) Package 128-pin LQFP (14x20mm) 128-pin LQFP (14x20mm) PB Free Yes No Operating Temp. 0C ~ +70C 0C ~ +70C
Note: AverLogic Technologies PB-free products employ special PB-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish do not use materials containing PBB, PBDE or red phosphorus for green-product chips. AverLogic's PB-free products are MSL classified at PB-free peak reflow temperatures that meet or exceed the PB-free requirements of IPC/JEDEC J Std-020C."
(c)2006 Copyright by AverLogic Technologies, Corp.
Version 0.10
4


▲Up To Search▲   

 
Price & Availability of AL244

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X